Part Number Hot Search : 
1206C ISL6388 DBL1018 167BZXI N7555 56LFX PR1001 S505TX
Product Description
Full Text Search
 

To Download CTC3F-680J Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Conformal Coated Inductors - Axial
ctparts.com
CTC3F Series
From .10 H to 1,000 H
Part Number CTC3F-R10_ CTC3F-R12_ CTC3F-R15_ CTC3F-R18_ CTC3F-R22_ CTC3F-R27_ CTC3F-R33_ CTC3F-R39_ CTC3F-R47_ CTC3F-R56_ CTC3F-R68_ CTC3F-R82_ CTC3F-1R0_ CTC3F-1R2_ CTC3F-1R5_ CTC3F-1R8_ CTC3F-2R2_ CTC3F-2R7_ CTC3F-3R3_ CTC3F-3R9_ CTC3F-4R7_ CTC3F-5R6_ CTC3F-6R8_ CTC3F-8R2_ CTC3F-100_ CTC3F-120_ CTC3F-150_ CTC3F-180_ CTC3F-220_ CTC3F-270_ CTC3F-330_ CTC3F-390_ CTC3F-470_ CTC3F-560_ CTC3F-680_ CTC3F-820_ CTC3F-101_ CTC3F-121_ CTC3F-151_ CTC3F-181_ CTC3F-221_ CTC3F-271_ CTC3F-331_ CTC3F-391_ CTC3F-471_ CTC3F-561_ CTC3F-681_ CTC3F-821_ CTC3F-102_ Not shown at actual size.
SPECIFICATIONS
Please specify tolerance code when ordering. CTC3F-R10_ J = 5%, K = 10%, M = 20% L Test Freq. (MHz) 25.2 25.2 25.2 25.2 25.2 25.2 25.2 25.2 25.2 25.2 25.2 25.2 25.2 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 .796 .796 .796 .796 .796 .796 .796 .796 .796 .796 .796 .796 Q Factor Min. 25 25 25 25 25 25 25 25 25 25 25 45 45 50 50 55 55 60 65 65 70 70 75 70 70 70 70 65 40 55 55 50 45 40 40 35 30 70 70 70 70 65 65 65 60 60 55 55 50 Q Test Freq. (MHz) 25.2 25.2 25.2 25.2 25.2 25.2 25.2 25.2 25.2 25.2 25.2 25.2 25.2 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 .796 .796 .796 .796 .796 .796 .796 .796 .796 .796 .796 .796 SRF Min. (MHz) 320 320 320 320 300 300 300 280 250 230 210 172 140 140 131 121 110 100 94 86 80 74 68 53 45 34 20 14 9.9 7.6 6.3 8.3 6.3 6.2 5.7 5.3 4.8 3.8 3.5 3.3 3.0 2.8 2.8 2.4 2.2 2.1 1.9 1.8 1.4 DCR Max. () .15 .16 .17 .19 .21 .24 .28 .32 .36 .41 .47 .24 .24 .27 .30 .32 .35 .35 .35 .37 .39 .43 .48 .52 .58 .63 .72 .77 .84 .94 1.0 1.1 1.2 1.3 1.5 1.8 1.8 3.7 4.2 4.6 5.1 5.8 6.4 7.0 7.7 8.5 9.4 12 17 Rated DC (mA) 1750 1650 1560 1480 1400 1320 1280 1200 1150 1100 1030 980 920 880 830 790 750 720 670 640 620 590 550 530 500 480 460 430 410 390 370 350 340 320 306 290 275 185 175 165 155 146 137 133 126 120 113 100 100
Inductance (H) .10 .12 .15 .18 .22 .27 .33 .39 .47 .56 .68 .82 1.0 1.2 1.5 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820 1000
Compliant
RoHS
CHARACTERISTICS
Description: Axial leaded conformal coated inductor Applications: Used in less harsh environments. Ideal for less critical RFL/EMI applications. Operating Temperature: -40C to +125C Inductance Tolerance: 5%, 10%, 20% Testing: Inductance and Q are tested on an HP4285A at specified frequency Packaging: Bulk pack 1,000 parts per bag, Tape & Reel, 5,000 parts per reel Marking: Parts are EIA color banded which indicates inductance code and tolerance Material: Magnetic core treated with epoxy resin for protection and longer reliability Miscellaneous: RoHS Compliant. Additional Information: Additional electrical & physical information available upon request Samples available. See website for ordering information.
PHYSICAL DIMENSIONS
Size mm inches A
Max. 9.53 0.375
B
Max. 4.06 0.16
C
Min. 26.7 1.05
22 AWG
Nom. 0.643 0.02535
12.12.05
Technologies
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids 800-684-5322 Inside US 949-453-1811 Outside US
Copyright (c) 2005 by CT Magnetics, DBA Central Technologies. All rights reserved. CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL


▲Up To Search▲   

 
Price & Availability of CTC3F-680J

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X